PART |
Description |
Maker |
ADUC7124-7126-ANOMALY |
This anomaly list describes the known bugs
|
Analog Devices
|
FKV550N |
Specifications List by Part Number
|
Sanken electric
|
SE7221BA1-E |
Tested Hardware and Operating System List
|
Intel Corporation
|
SFV4R-1 SFV7R-1 SFV24R-1STE9LF SFV5R-1 SFV6R-1 |
0.5MM SPACING FPC/FFC CONNECTOR DOCUMENT LIST (CAT.NO.SFV-R-1/2STE9LF)
|
FCI connector
|
HLEM28S-1RLF HLEM40R-1RLF HLEM40R-2 HLEM40S-2R HLE |
1.25mm spacing Connector (Customer documents list) 1.25mm spacing Connector (Customer documents list)
|
FCI connector
|
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
MPC565MVR56 |
This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
|
Freescale Semiconductor, Inc
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
ST72XX-EMUX ST72EXX-EPB ST7MDTX-EMU2 |
Real-Time Development Tools for the ST7 MCU Family(ST7系列的实时开发工 EPROM Programming Boards for the ST7 MCU Family(ST7系列EPROM编程
|
意法半导
|
M25PE80-VMN6P |
2A Standard Fixed Output LDO Regulators with Shutdown Switch; Package: TO220FP-5; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500; 8兆位,低电压,页式可擦除的字节变性,50MHz的SPI总线,标准引脚串行闪
|
STMicroelectronics N.V.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|